| データシートサーチシステム |
|
M41ST87W データシート(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41ST87W データシート(HTML) 41 Page - STMicroelectronics |
|
41 / 54 page ![]() M41ST87W Maximum ratings DocID9497 Rev 11 41/54 4 Maximum ratings Stressing the device above the rating listed in the absolute maximum ratings table may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Table 16: Absolute maximum ratings Symbol Parameter Value Unit TSTG Storage temperature (VCC off, oscillator off) –55 to 125 °C TSLD Lead solder temperature for 10 seconds SSOP20 260 (1) °C SOX28 240 (2) °C VIO Input or output voltage –0.3 to VCC+0.3 V VCC Supply voltage M41ST87Y –0.3 to 7.0 V M41ST87W –0.3 to 4.6 V IO Output current 20 mA PD Power dissipation 1 W θJA Thermal resistance, junction to ambient SSOP20 83.0 °C/W SOX28 °C/W Tj Max. operating junction temperature SSOP20 125 °C SOX28 Notes: (1) Reflow at peak temperature of 260 °C. The time above 255 °C must not exceed 30 seconds. (2) Reflow at peak temperature of 240 °C. The time above 235°C must not exceed 20 seconds. Caution: Negative undershoots below –0.3 V are not allowed on any pin while in the battery backup mode. |