データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L99H92 データシート(PDF) 76 Page - STMicroelectronics

部品番号 L99H92
部品情報  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 データシート(HTML) 76 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 69Page - STMicroelectronics L99H92 Datasheet HTML 70Page - STMicroelectronics L99H92 Datasheet HTML 71Page - STMicroelectronics L99H92 Datasheet HTML 72Page - STMicroelectronics L99H92 Datasheet HTML 73Page - STMicroelectronics L99H92 Datasheet HTML 74Page - STMicroelectronics L99H92 Datasheet HTML 75Page - STMicroelectronics L99H92 Datasheet HTML 76Page - STMicroelectronics L99H92 Datasheet HTML 77Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 76 / 77 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 3
Figure 2.
Pinout - TQFP32................................................................... 3
Figure 3.
Pinout - QFN 32 ................................................................... 4
Figure 4.
NRDY status bit and CPLOW flag ....................................................... 9
Figure 5.
Full-bridge GSHx and GSLx slopes ..................................................... 11
Figure 6.
Full-bridge drain-source monitoring diagnosis .............................................. 12
Figure 7.
Full-bridge open-load detection (no open-load detected) ...................................... 13
Figure 8.
Full-bridge open-load-detection (open-load detected) ........................................ 13
Figure 9.
Full-bridge open-load-detection (short to ground detected) ..................................... 13
Figure 10.
Full-bridge open-load-detection (short to VDH detected) ...................................... 14
Figure 11.
Watchdog state diagram ............................................................ 16
Figure 12.
Application schematic .............................................................. 17
Figure 13.
SPI pins description ............................................................... 19
Figure 14.
SPI signal description .............................................................. 19
Figure 15.
SDI frame ...................................................................... 20
Figure 16.
SDO frame...................................................................... 21
Figure 17.
H-driver delay times ............................................................... 34
Figure 18.
IGHx, IGLx accuracy ................................................................ 34
Figure 19.
Watchdog early, late, and safe window .................................................. 39
Figure 20.
SPI transfer timing diagram .......................................................... 41
Figure 21.
SPI input timing .................................................................. 42
Figure 22.
SPI output timing ................................................................. 43
Figure 23.
SPI CSN output timing.............................................................. 44
Figure 24.
SPI CSN low to high transition and global status bit access .................................... 44
Figure 25.
Operating modes ................................................................. 45
Figure 26.
QFN32L 5x5 mm package outline ...................................................... 66
Figure 27.
TQFP32L 7x7 mm package outline ..................................................... 68
Figure 28.
TQFP32L 7x7 mm footprint .......................................................... 70
L99H92
List of figures
DS14069 - Rev 4
page 76/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77