データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT54AWFILM データシート(PDF) 8 Page - STMicroelectronics

部品番号 BAT54AWFILM
部品情報  Small signal Schottky diodes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT54AWFILM データシート(HTML) 8 Page - STMicroelectronics

Back Button BAT54AWFILM Datasheet HTML 4Page - STMicroelectronics BAT54AWFILM Datasheet HTML 5Page - STMicroelectronics BAT54AWFILM Datasheet HTML 6Page - STMicroelectronics BAT54AWFILM Datasheet HTML 7Page - STMicroelectronics BAT54AWFILM Datasheet HTML 8Page - STMicroelectronics BAT54AWFILM Datasheet HTML 9Page - STMicroelectronics BAT54AWFILM Datasheet HTML 10Page - STMicroelectronics BAT54AWFILM Datasheet HTML 11Page - STMicroelectronics BAT54AWFILM Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Package information
BAT54
8/15
DocID5505 Rev 12
Figure 15. SOD-523 dimension definitions
Figure 16. SOD-523 footprint dimensions in mm (inches)
Table 8. SOD-523 dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.50
0.60
0.70
0.020
0.024
0.028
E
1.50
1.60
1.70
0.059
0.063
0.067
E1
1.10
1.20
1.30
0.043
0.047
0.051
D
0.70
0.80
0.90
0.028
0.031
0.035
b
0.25
0.35
0.010
0.014
c
0.07
0.20
0.003
0.008
L
0.15
0.20
0.25
0.006
0.008
0.010
L1
0.05
0.20
0.002
0.008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15