データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL91211AII-EV1Z データシート(PDF) 9 Page - Renesas Technology Corp

部品番号 ISL91211AII-EV1Z
部品情報  Triple/Quad Output PMIC with SPI/I2C Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL91211AII-EV1Z データシート(HTML) 9 Page - Renesas Technology Corp

Back Button ISL91211AII-EV1Z Datasheet HTML 5Page - Renesas Technology Corp ISL91211AII-EV1Z Datasheet HTML 6Page - Renesas Technology Corp ISL91211AII-EV1Z Datasheet HTML 7Page - Renesas Technology Corp ISL91211AII-EV1Z Datasheet HTML 8Page - Renesas Technology Corp ISL91211AII-EV1Z Datasheet HTML 9Page - Renesas Technology Corp ISL91211AII-EV1Z Datasheet HTML 10Page - Renesas Technology Corp ISL91211AII-EV1Z Datasheet HTML 11Page - Renesas Technology Corp ISL91211AII-EV1Z Datasheet HTML 12Page - Renesas Technology Corp ISL91211AII-EV1Z Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
FN8922 Rev.3.01
Page 9 of 56
Mar 5, 2020
ISL91211A, ISL91211B
1.6
I/O Pin Configuration
The ISL91211 features three “General Purpose” I/O pins for I2C and other functions along with four
“Multipurpose” I/O pins. These pins can perform different functions depending on the “IO_PINMODE” setting.
The default factory setting for IO_PINMODE is 0x0. For features that require “IO_PINMODE” to be different than
the default value, contact Renesas for factory OTP programming.
Table 2. I/O Pin Mode
IO_PINMODE
MPIO0
MPIO1
MPIO2
MPIO3
GPIO0
GPIO1
GPIO2
Description
0x0
SCK
SS_B
MOSI
MISO
I2C_CLK I2C_SDA
N/A
I2C/SPI both available
0x1
SCK
SS_B
MOSI
MISO
EN_A
EN_B
EN_C SPI mode with hardware
enables for Bucks 1-3
0x2
PGOOD1
PGOOD2
PGOOD3
PGOOD4 I2C_CLK I2C_SDA
N/A
I2C with Individual
PGOODs for Bucks1-4
0x3
SCK
SS_B
MOSI
MISO
DVS_A
DVS_B
DVS_C SPI with hardware DVS
pins
0x4
DVS_PIN1
DVS_PIN0
PGOOD1
PGOOD2 I2C_CLK I2C_SDA
N/A
I2C with Global DVS
mode with PGOOD1 and
PGOOD2
0x5
BUCK1_DVS0
BUCK1_DVS1
BUCK2_
DVS0
BUCK2_
DVS1
I2C_CLK I2C_SDA
N/A
I2C with full pin
controlled DVS for
BUCK1/BUCK2
0x6
BUCK1_DVS0
BUCK1_DVS1
BUCK2_
DVS0
BUCK3_
DVS0
I2C_CLK I2C_SDA
N/A
I2C with full DVS for
Buck 1, 1-pin DVS for
BUCK2/BUCK3
0x7
BUCK1_DVS0
BUCK2_DVS0
BUCK3_
DVS0
BUCK4_
DVS0
I2C_CLK I2C_SDA
N/A
I2C with 1-pin DVS for
each buck
0xC
MPIO_DATA [0] MPIO_DATA [1]
MPIO_
DATA [2]
MPIO_
DATA [3]
I2C_CLK I2C_SDA
N/A
I2C with 4 parallel
controllable data lines.
NOTE: Pinmodes 0x8 through 0xB and 0xD through 0xF are reserved.
Table 3. Pin Mode Description
Name
Definition
SCK
SPI clock
SS_B
SPI/I2C selector. Low = SPI, High = I2C.
MOSI
SPI master out, slave in
MISO
SPI master in, slave out
I2C_CLK
I2C clock
I2C_SDA
I2C data
PGOOD1, PGOOD2,
PGOOD3, PGOOD4
Four power-good out pins (one per buck)
EN_A, EN_B, EN_C
Three buck enable input pins. A single buck enable pin can enable/disable up to four bucks. A buck’s
enable/disable can be controlled from only one enable pin (EN_A, EN_B, or EN_C).
DVS_A, DVS_B, DVS_C
Three DVS input pins. A single DVS pin can control the DVS voltage for up to four bucks. A buck’s
DVS voltage can be controlled from only one DVS pin (DVS_A, DVS_B, or DVS_C).
DVS_PIN1, DVS_PIN0
DVS look-up table to allow two pins to control up to four bucks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com