データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL91211AII-EV1Z データシート(PDF) 10 Page - Renesas Technology Corp

部品番号 ISL91211AII-EV1Z
部品情報  Triple/Quad Output PMIC with SPI/I2C Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL91211AII-EV1Z データシート(HTML) 10 Page - Renesas Technology Corp

Back Button ISL91211AII-EV1Z Datasheet HTML 6Page - Renesas Technology Corp ISL91211AII-EV1Z Datasheet HTML 7Page - Renesas Technology Corp ISL91211AII-EV1Z Datasheet HTML 8Page - Renesas Technology Corp ISL91211AII-EV1Z Datasheet HTML 9Page - Renesas Technology Corp ISL91211AII-EV1Z Datasheet HTML 10Page - Renesas Technology Corp ISL91211AII-EV1Z Datasheet HTML 11Page - Renesas Technology Corp ISL91211AII-EV1Z Datasheet HTML 12Page - Renesas Technology Corp ISL91211AII-EV1Z Datasheet HTML 13Page - Renesas Technology Corp ISL91211AII-EV1Z Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
FN8922 Rev.3.01
Page 10 of 56
Mar 5, 2020
ISL91211A, ISL91211B
2.
Specifications
2.1
Absolute Maximum Ratings
2.2
Thermal Information
2.3
Recommended Operating Conditions
Parameter
Minimum
Maximum
Unit
PVIN and AVIN Pins to PGND
-0.3
6
V
VOUT Pin
(BUCKx_VOUTFBDIV[1:0] = 0x00)
-0.3
+2.0
V
VOUT Pin
(BUCKx_VOUTFBDIV[1:0] = 0x01)
-0.3
+2.4
V
VOUT Pin
(BUCKx_VOUTFBDIV[1:0] = 0x02)
-0.3
+3.0
V
PH to PGND
-0.3
0.3 + PVIN
V
VIO, EN Pins to GND
-0.3
0.3 + AVIN
V
RTN, GND to PGND
-0.3
0.3
V
INT, MPIO, GPIO Pins to GND
-0.3
+0.3 + VIO
V
ESD Rating (Note 5)Value
Unit
Human Body Model (Tested per JESD22-A114E)
2
kV
Charged Device Model (Tested per JESD22-C101)
750
V
Latch-Up (Tested per JESD-78B; Class 2, Level A)
100
mA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions can
adversely impact product reliability and result in failures not covered by warranty.
Note:
5. ESD ratings apply to external pins only.
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
54 Ball 6x9 WLCSP Package (Notes 6, 7)42
0.5
Notes:
6.
JA is measured in free air with the component mounted on a high-effective thermal conductivity test board with direct attach
features. See TB379.
7. For
JC, the case temperature location is taken at the package top center.
Parameter
Minimum
Maximum
Unit
Maximum Junction Temperature
+150
°C
Maximum Storage Temperature Range
-65
+150
°C
Pb-Free Reflow Profile
See TB493
Parameter
Minimum
Maximum
Unit
Junction Temperature
-40
+125
°C
Supply Voltage
(AVIN to GND)
2.5
5.5
V
(PVIN to GND)
2.5
5.5
V
VIO Voltage (VIO to PGND)
1.7
AVIN
V
INT, MPIO, GPIO Pins to GND
0
VIO
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com