| データシートサーチシステム |
|
FS2101 データシート(PDF) 2 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
FS2101 データシート(HTML) 2 Page - Agilent(Hewlett-Packard) |
|
2 / 48 page ![]() 2 HOW TO REACH US 5 PRODUCT WARRANTY 6 Limitation of warranty 6 Exclusive Remedies 6 Assistance 6 INTRODUCTION 7 How to Use This Manual 7 ANALYZING THE PCI LOCAL BUS 8 Duplicating the Master Diskette 8 Accessories Supplied 8 Minimum Equipment Required 9 Signal Naming Conventions 9 Viewing the interrupts 10 Configuring the front panel switches and LEDs 10 Powering the PCI Active Analysis Probe 11 Connecting to the PCI Active Analysis Probe 11 Multiplexed versus Demultiplexed 12 32 bit PCI Demultiplexed 12 32 bit PCI Multiplexed 12 64 bit PCI Multiplexed 13 64 bit PCI Demultiplexed 13 USER PINS 14 Installing the PCI Active Analysis Probe 14 How to install a PCI add-in card into the extender card connector 15 Operation of the PCI add-in card 15 The Extender Card Connector 15 Setting up the Analyzer from the diskette 16 The PCI Inverse Assembler 17 |