データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FS2101 データシート(PDF) 24 Page - Agilent(Hewlett-Packard)

部品番号 FS2101
部品情報  LOCAL BUS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

FS2101 データシート(HTML) 24 Page - Agilent(Hewlett-Packard)

Back Button FS2101 Datasheet HTML 20Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 21Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 22Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 23Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 24Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 25Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 26Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 27Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 28Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
24
Touch RUN and, as soon as there is activity on the bus, the logic
analyzer will begin to acquire data. The analyzer will continue to
acquire data and will display the data when the analyzer memory
is full, the trigger specification is TRUE or when you touch STOP.
The logic analyzer will flash “Slow or Missing Clock” when the
data is not being transmitted across the bus.
Captured data is as shown in the following figure. The below
figure displays the state listing after disassembly. The inverse
assembler is constructed so the mnemonic output closely
resembles the actual commands, status conditions, messages
and phases specified in the PCI Local Bus specification.
Symbols have also been defined to help aid in analysis.
The
non-disassembled state listing displays PCI bus mnemonics in
addition to data. All data is displayed in hex. One exception is
the decode of the address for a CONFIGURATION READ or a
CONFIGURATION WRITE transaction. The Function (FUNC=)
and Bus (BUS=) data is displayed in decimal.
Acquiring Data
The State Display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48