| データシートサーチシステム |
|
STM32L4P5CEU6PTR データシート(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU6PTR データシート(HTML) 79 Page - STMicroelectronics |
|
79 / 311 page ![]() - --- -- --- - F4 F4 15 15 G5 G5 PF5 I/O FT - OCTOSPIM_P2_NCL K, FMC_A5, EVENTOUT - - --- -- E10 D9 10 10 F2 F2 16 16 F2 F2 VSS S - - - - - - - - - - E9 E9 11 11 G2 G2 17 17 G2 G2 VDD S - - - - - --- -- --- -- - 18 18 - - PF6 I/O FT - TIM5_ETR, TIM5_CH1, OCTOSPIM_P1_IO3, SAI1_SD_B, EVENTOUT - - --- -- --- -- - 19 19 - - PF7 I/O FT - TIM5_CH2, OCTOSPIM_P1_IO2, SAI1_MCLK_B, EVENTOUT - - --- -- --- -- - 20 20 - - PF8 I/O FT - TIM5_CH3, OCTOSPIM_P1_IO0, SAI1_SCK_B, EVENTOUT - - --- -- --- -- - 21 21 - - PF9 I/O FT - TIM5_CH4, OCTOSPIM_P1_IO1, SAI1_FS_B, TIM15_CH1, EVENTOUT - Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |