データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L4P5CEU6PTR データシート(PDF) 91 Page - STMicroelectronics

部品番号 STM32L4P5CEU6PTR
部品情報  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6PTR データシート(HTML) 91 Page - STMicroelectronics

Back Button STM32L4P5CEU6PTR Datasheet HTML 87Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 88Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 89Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 90Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 91Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 92Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 93Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 94Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 311 page
background image
-
---
--
---
--
---
N10 N10
PH8
I/O
FT
_f
-
I2C3_SDA,
OCTOSPIM_P2_IO3,
DCMI_HSYNC/PSSI_
DE, EVENTOUT
-
-
---
--
---
--
---
M9
M9
PH10
I/O FT
-
TIM5_CH1,
OCTOSPIM_P2_IO5,
DCMI_D1/PSSI_D1,
EVENTOUT
-
-
---
--
---
--
---
NC
M1
0
PH11
I/O FT (3)
TIM5_CH2,
OCTOSPIM_P2_IO6,
DCMI_D2/PSSI_D2,
EVENTOUT
-
-
---
--
---
-
F6
F6
-
-
C2
C2
VSS
S
-
-
-
-
-
---
--
---
-
G6
G6
-
-
L12 L12
VDD
S
-
-
-
-
22
-
22
-
30
-
K1
-
48
-
L11
-
70
-
M1
0
-VDD12
S
-
-
-
-
23
23
23
23
31
31
K2
K2
49
49
F12 F12
71
71
A7
A7
VSS
S
-
-
-
-
24
24
24
24
32
32
J2
K1
50
50
G12 G12
72
72
N11 N11
VDD
S
-
-
-
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More