データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L4P5CEU6PTR データシート(PDF) 96 Page - STMicroelectronics

部品番号 STM32L4P5CEU6PTR
部品情報  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6PTR データシート(HTML) 96 Page - STMicroelectronics

Back Button STM32L4P5CEU6PTR Datasheet HTML 92Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 93Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 94Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 95Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 96Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 97Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 98Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 99Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 311 page
background image
-
---
--
---
-
G10 G10
87
87
J12 J12
PG2
I/O
FT
_s
-
SPI1_SCK,
SDMMC2_D4,
FMC_A12,
SAI2_SCK_B,
EVENTOUT
-
-
---
--
---
-
F9
F9
88
88
J11
J11
PG3
I/O
FT
_s
-
SPI1_MISO,
SDMMC2_D5,
FMC_A13,
SAI2_FS_B,
EVENTOUT
-
-
---
--
---
-
F10 F10
89
89
J10 J10
PG4
I/O
FT
_s
-
SPI1_MOSI,
SDMMC2_D6,
FMC_A14,
SAI2_MCLK_B,
EVENTOUT
-
-
---
--
---
-
E9
E9
90
90
J9
J9
PG5
I/O
FT
_s
-
SPI1_NSS,
LPUART1_CTS,
SDMMC2_D7,
FMC_A15,
SAI2_SD_B,
EVENTOUT
-
-
---
--
---
-
G4
G4
91
91
G11 G11
PG6
I/O
FT
_s
-
OCTOSPIM_P1_DQS
, I2C3_SMBA,
LPUART1_RTS_DE,
LCD_R1, EVENTOUT
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More