データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L4P5CEU6PTR データシート(PDF) 177 Page - STMicroelectronics

部品番号 STM32L4P5CEU6PTR
部品情報  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6PTR データシート(HTML) 177 Page - STMicroelectronics

Back Button STM32L4P5CEU6PTR Datasheet HTML 173Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 174Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 175Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 176Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 177Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 178Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 179Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 180Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 311 page
background image
DS12903 Rev 2
177/311
STM32L4P5xx
Electrical characteristics
277
AHB
(Cont.)
GPIOI
0.155
0.136
0.134
0.095
µA/MHz
HASH1
1.808
1.682
1.400
1.530
OTG_FS independent clock
domain
26.984
29.739
NA
NA
OTG_FS AHB clock domain
18.554
17.288
NA
NA
OSPIM independent clock domain
0.033
0.013
0.013
0.248
OSPIM AHB clock domain
0.120
0.115
0.099
0.087
OSPI1 independent clock domain
0.781
0.713
0.601
0.661
OSPI1 AHB clock domain
0.330
0.309
0.248
0.223
OSPI2 independent clock domain
1.043
0.995
0.799
0.761
OSPI2 AHB clock domain
0.334
0.295
0.249
0.218
PKA
4.418
4.134
3.443
3.989
RNG independent clock domain
1.591
1.601
NA
NA
RNG AHB clock domain
1.278
1.203
NA
NA
SDMMC1 independent clock
domain
18.306
17.327
NA
NA
SDMMC1 AHB clock domain
17.582
16.375
NA
NA
SDMMC2 independent clock
domain
18.176
17.210
NA
NA
SDMMC2 AHB clock domain
17.517
16.300
NA
NA
SRAM1
1.117
1.016
0.852
0.910
SRAM2
3.976
3.709
3.113
3.292
SRAM3
1.087
1.026
0.863
1.129
TSC
1.678
1.580
1.296
1.346
All AHB peripherals
114.236
106.366
87.640
98.866
Table 51. STM32L4P5xx peripheral current consumption (continued)
Peripheral
Range 1
Boost
Mode
Range 1
Normal
Mode
Range 2
Low-
power run
and sleep
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More