| データシートサーチシステム |
|
STM32L4P5CEU3 データシート(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU3 データシート(HTML) 46 Page - STMicroelectronics |
|
46 / 311 page ![]() Functional overview STM32L4P5xx 46/311 DS12903 Rev 2 • Timeout management • Interrupt generation on FIFO threshold, timeout, status match, operation complete, and access error 3.20 Octo-SPI IO manager (OCTOSPIIOM) The OCTOSPI IO manager is a low level interface allowing: • Efficient OCTOSPI pin assignment with a full IO Matrix (before alternate function map) • Multiplexing single/dual/quad/octal SPI interface over the same bus The OCTOSPI IO manager has the following features: • Support up to two single/dual/quad/octal SPI Interface • Support up to eight ports for pin assignment • Fully programmable IO matrix for pin assignment by function (data/control/clock) • Muxer for Single/Dual/Quad/Octal SPI interface multiplexing over the same bus |