データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L4P5CEU3 データシート(PDF) 77 Page - STMicroelectronics

部品番号 STM32L4P5CEU3
部品情報  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU3 データシート(HTML) 77 Page - STMicroelectronics

Back Button STM32L4P5CEU3 Datasheet HTML 73Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 74Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 75Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 76Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 77Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 78Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 79Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 80Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 311 page
background image
-
-
-
-
-
-
E7
C8
3
3
B1
B1
3
3
D1
D1
PE4
I/O FT
-
TRACED1,
TIM3_CH2, SAI1_D2,
DFSDM1_DATIN3,
TSC_G7_IO3,
DCMI_D4/PSSI_D4,
LCD_B7, FMC_A20,
SAI1_FS_A,
EVENTOUT
-
-
-
-
-
-
-
E8
D8
4
4
C2
C2
4
4
E4
E4
PE5
I/O FT
-
TRACED2,
TIM3_CH3,
SAI1_CK2,
DFSDM1_CKIN3,
TSC_G7_IO4,
DCMI_D6/PSSI_D6,
LCD_G7, FMC_A21,
SAI1_SCK_A,
EVENTOUT
-
-
-
-
-
-
-
D8
E7
5
5
D2
D2
5
5
E3
E3
PE6
I/O FT
-
TRACED3,
TIM3_CH4, SAI1_D1,
DCMI_D7/PSSI_D7,
LCD_G6, FMC_A22,
SAI1_SD_A,
EVENTOUT
RTC_TAMP3,WKU
P3
111
11
1
C10 C10
6
6
E2
E2
6
6
E2
E2
VBAT
S
-
-
-
-
2
2
2
2
2
2C9
C97
7C1
C17
7
E1
E1
PC13
I/O FT
(1)
(2)
EVENTOUT
RTC_TAMP1/RTC
_TS/RTC_OUT,WK
UP2
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More