データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L4P5CEU3 データシート(PDF) 14 Page - STMicroelectronics

部品番号 STM32L4P5CEU3
部品情報  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU3 データシート(HTML) 14 Page - STMicroelectronics

Back Button STM32L4P5CEU3 Datasheet HTML 10Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 11Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 12Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 13Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 14Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 15Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 16Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 17Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 311 page
background image
Introduction
STM32L4P5xx
14/311
DS12903 Rev 2
1
Introduction
This document provides the ordering information and mechanical device characteristics of
the STM32L4P5xx microcontrollers.
This document should be read in conjunction with the STM32L4P5xx reference manual
(RM0432). The reference manual is available from the STMicroelectronics website
www.st.com.
For information on the Arm®(a) Cortex®-M4 core, refer to the Cortex®-M4 Technical
Reference Manual, available from the www.arm.com website.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More