データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD1084V28 データシート(PDF) 16 Page - STMicroelectronics

部品番号 LD1084V28
部品情報  5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1084V28 データシート(HTML) 16 Page - STMicroelectronics

Back Button LD1084V28 Datasheet HTML 10Page - STMicroelectronics LD1084V28 Datasheet HTML 11Page - STMicroelectronics LD1084V28 Datasheet HTML 12Page - STMicroelectronics LD1084V28 Datasheet HTML 13Page - STMicroelectronics LD1084V28 Datasheet HTML 14Page - STMicroelectronics LD1084V28 Datasheet HTML 15Page - STMicroelectronics LD1084V28 Datasheet HTML 16Page - STMicroelectronics LD1084V28 Datasheet HTML 17Page - STMicroelectronics LD1084V28 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
LD1084 SERIES
16/18
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
A1
2.49
2.69
0.098
0.106
B
0.7
0.93
0.027
0.036
B2
1.14
1.7
0.044
0.067
C
0.45
0.60
0.017
0.023
C2
1.21
1.36
0.047
0.053
D
8.95
9.35
0.352
0.368
E
10
10.4
0.393
0.409
G
4.88
5.28
0.192
0.208
L
15
15.85
0.590
0.106
L2
1.27
1.4
0.050
0.055
D2PAK/A MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18