| データシートサーチシステム |
|
LD1084V28 データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD1084V28 データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 18 page ![]() LD1084 SERIES 4/18 ELECTRICAL CHARACTERISTICS OF LD1084#18 (VI=4.8V, CI =CO =10µF, TA = -40 to 125°C, unless otherwise specified.) NOTE 1: See short-circuit current curve for available output current at fixed dropout. ELECTRICAL CHARACTERISTICS OF LD1084#25 (VI=5.5V, CI =CO =10µF, TA = -40 to 125°C, unless otherwise specified.) NOTE 1: See short-circuit current curve for available output current at fixed dropout. Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage IO =0mA TJ = 25°C 1.782 1.8 1.818 V IO =0to 5A VI = 3.4 to 30V (note 1) 1.764 1.8 1.836 V ∆V O Line Regulation IO =0mA VI = 3.4 to 18V TJ = 25°C 0.5 6 mV IO =0mA VI = 3.4 to 15V 0.1 6 mV ∆V O Load Regulation IO =0to 5A TJ = 25°C 3 15 mV IO =0to 5A 7 20 V Vd Dropout Voltage IO =5 A 1.3 1.5 V Iq Quiescent Current VI ≤ 30V 5 10 mA Isc Short Circuit Current VI -VO = 5V 5.5 6.5 A VI -VO = 25V 0.5 0.7 A Termal Regulation TA = 25°C, 30ms pulse 0.003 0.015 %/W SVR Supply Voltage Rejection f = 120 Hz, CO =25 µF, IO =5A VI = 6.8 ± 3V 60 75 dB eN RMS Output Noise Voltage (% of VO) TA = 25°C f =10Hz to 10KHz 0.003 % S Temperature Stability 0.5 % S Long Term Stability TA = 125°C 1000Hrs 0.5 % Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage IO =0mA TJ = 25°C 2.475 2.5 2.525 V IO =0to 5A VI = 4.1 to 30V (note 1) 2.45 2.5 2.55 V ∆V O Line Regulation IO =0mA VI = 4.1 to 18V TJ = 25°C 0.5 6 mV IO =0mA VI = 4.1 to 18V 0.1 6 mV ∆V O Load Regulation IO =0to 5A TJ = 25°C 3 15 mV IO =0to 5A 7 20 V Vd Dropout Voltage IO =5 A 1.3 1.5 V Iq Quiescent Current VI ≤ 30V 5 10 mA Isc Short Circuit Current VI -VO = 5V 5.5 6.5 A VI -VO = 25V 0.5 0.7 A Termal Regulation TA = 25°C, 30ms pulse 0.003 0.015 %/W SVR Supply Voltage Rejection f = 120 Hz, CO =25 µF, IO =5A VI = 7.5 ± 3V 60 72 dB eN RMS Output Noise Voltage (% of VO) TA = 25°C f =10Hz to 10KHz 0.003 % S Temperature Stability 0.5 % S Long Term Stability TA = 125°C 1000Hrs 0.5 % |