| データシートサーチシステム |
|
LD1084V28 データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD1084V28 データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 18 page ![]() LD1084 SERIES 3/18 ORDERING CODES (*) Available in Tape & Reel with the suffix "R" for fixed versions and "-R" for adjustable version LECTRICAL CHARACTERISTICS OF LD1084#15 (VI=4.5V, CI =CO =10µF, TA = -40 to 125°C, unless otherwise specified.) NOTE 1: See short-circuit current curve for available output current at fixed dropout. TYPE D2PAK (*) D2PAK/A OUTPUT VOLTAGE LD1084V15 LD1084D2T15 LD1084D2M15 1.5 V LD1084V18 LD1084D2T18 LD1084D2M18 1.8 V LD1084V25 LD1084D2T25 LD1084D2M25 2.5 V LD1084V28 LD1084D2T28 LD1084D2M28 2.85 V LD1084V33 LD1084D2T33 LD1084D2M33 3.3 V LD1084V36 LD1084D2T36 LD1084D2M36 3.6 V LD1084V50 LD1084D2T50 LD1084D2M50 5.0 V LD1084V80 LD1084D2T80 LD1084D2M80 8.0 V LD1084V90 LD1084D2T90 LD1084D2M90 9.0 V LD1084V120 LD1084D2T120 LD1084D2M120 12.0 V LD1084V LD1084D2T LD1084D2M ADJ Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage IO =0mA TJ = 25°C 1.485 1.5 1.515 V IO =0to 5A VI = 3.1 to 30V (note 1) 1.47 1.5 1.53 V ∆V O Line Regulation IO =0mA VI = 3.1 to 18V TJ = 25°C 0.5 6 mV IO =0mA VI = 3.1 to 15V 0.1 6 mV ∆V O Load Regulation IO =0to 5A TJ = 25°C 3 15 mV IO =0to 5A 7 20 V Vd Dropout Voltage IO =5 A 1.3 1.5 V Iq Quiescent Current VI ≤ 30V 5 10 mA Isc Short Circuit Current VI -VO = 5V 5.5 6.5 A VI -VO = 25V 0.5 0.7 A Termal Regulation TA = 25°C, 30ms pulse 0.003 0.015 %/W SVR Supply Voltage Rejection f = 120 Hz, CO =25 µF, IO =5A VI = 6.8 ± 3V 60 75 dB eN RMS Output Noise Voltage (% of VO) TA = 25°C f =10Hz to 10KHz 0.003 % S Temperature Stability 0.5 % S Long Term Stability TA = 125°C 1000Hrs 0.5 % |