| データシートサーチシステム |
|
ST7LITEU09 データシート(PDF) 78 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LITEU09 データシート(HTML) 78 Page - STMicroelectronics |
|
78 / 115 page ![]() ST7LITEU05 ST7LITEU09 78/115 OPERATING CONDITIONS (Cont’d) 13.3.4 Voltage drop between AVD flag set and LVD reset generation Note: 1. Not tested in production, guaranteed by characterization. Parameter Min 1) Typ 1) Max 1) Unit AVD med. Threshold - AVD low. threshold 800 850 950 mV AVD high. Threshold - AVD low threshold 1400 1450 1550 AVD high. Threshold - AVD med. threshold 600 650 750 AVD low Threshold - LVD low threshold 100 200 250 AVD med. Threshold - LVD low threshold 950 1050 1150 AVD med. Threshold - LVD med. threshold 250 300 400 AVD high. Threshold - LVD low threshold 1600 1700 1800 AVD high. Threshold - LVD med. threshold 900 1000 1050 1 |