| データシートサーチシステム |
|
PCF85263AT/AJ データシート(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85263AT/AJ データシート(HTML) 2 Page - NXP Semiconductors |
|
2 / 92 page ![]() NXP Semiconductors PCF85263A Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus • Network powered devices • Battery backed up systems • Data loggers • Digital voice recorders • Mobile equipment • Accurate high duration timer 4 Ordering information Package Type number Topside marking Name Description Version PCF85263AT/A 85263A SO8 plastic small outline package; 8 leads; body width 3.9 mm SOT96-1 PCF85263ATL/A 263A DFN2626-10 plastic thermal enhanced extremely thin small outline package; no leads; 10 terminals; body 2.6 × 2.6 × 0.5 mm SOT1197-1 PCF85263ATT/A 263A TSSOP8 plastic thin shrink small outline package; 8 leads; body width 3 mm SOT505-1 PCF85263ATT1/A 263A TSSOP10 plastic thin shrink small outline package; 10 leads; body width 3 mm SOT552-1 PCF85263AUK F WLCSP12 wafer level package 12 cu pillars; body 1.19 x 0.94 x 0.22 mm with 0.25 mm pitch SOT2035-1 Table 1. Ordering information 4.1 Ordering options Type number Orderable part number Package Packing method Minimum order quantity Temperature PCF85263AT/A PCF85263AT/AJ SO8 reel 13" q1 ndp 2500 Tamb = -40 °C to +85 °C PCF85263ATL/A PCF85263ATL/AX DFN2626-10 reel 7" q1 ndp 4000 Tamb = -40 °C to +85 °C PCF85263ATT/A PCF85263ATT/AJ TSSOP8 reel 13" q1 ndp 2500 Tamb = -40 °C to +85 °C PCF85263ATT1/A PCF85263ATT1/AJ TSSOP10 reel 13" q1 ndp 2500 Tamb = -40 °C to +85 °C PCF85263AUK PCF85263AUKZ WLCSP12 reel 13" Q1 dry pack 20000 Tamb = -40 °C to +85 °C Table 2. Ordering options PCF85263A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 5 — 1 February 2021 2 / 92 |