| データシートサーチシステム |
|
PCF85263AT/AJ データシート(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85263AT/AJ データシート(HTML) 6 Page - NXP Semiconductors |
|
6 / 92 page ![]() NXP Semiconductors PCF85263A Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus [1] Connect to VDD if not used. [2] See Table 6 and Table 46. [3] The die paddle (exposed pad) is connected to VSS through high ohmic (non-conductive) silicon attach and should be electrically isolated. It is good engineering practice to solder the exposed pad to an electrically isolated PCB copper pad as shown in Figure 46 for better heat transfer but it is not required as the RTC doesn’t consume much power. In no case should traces be run under the package exposed pad. [4] See Table 6 and Table 48. 7 Functional description The PCF85263A contains 8-bit registers for time information, for timestamp information and registers for system configuration. Included is an auto-incrementing register address, an on-chip 32.768 kHz oscillator with integrated capacitors, a frequency divider which provides the source clock for the Real-Time Clock (RTC) and calender, and an I2C-bus interface with a maximum data rate of 400 kbit/s. The built-in address register will increment automatically after each read or write of a data byte. After register 2Fh, the auto-incrementing will wrap around to address 00h (see Figure 7). aaa-009084 address register 00h auto-increment wrap around 01h 02h 03h ... 2Dh 2Eh 2Fh Figure 7. Address register incrementing All registers (see Table 4, Table 5, and Table 6) are designed as addressable 8-bit parallel registers although not all bits are implemented. Figure 8 gives an overview of the address map. PCF85263A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 5 — 1 February 2021 6 / 92 |