| データシートサーチシステム |
|
PCF85263AT/AJ データシート(PDF) 23 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85263AT/AJ データシート(HTML) 23 Page - NXP Semiconductors |
|
23 / 92 page ![]() NXP Semiconductors PCF85263A Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus increments to match the alarm setting or as a permanently active signal which follows the condition of bit A1F and/or A2F. See Section 7.9 for interrupt control. A1F and A2F remain set until cleared by command. Once an alarm flag has been cleared, it will only be set again when the time increments to match the alarm condition once more. When an interrupt pin is configured to pulse mode and if an alarm flag is not cleared and the time increments to match the alarm condition again, then a repeated interrupt pulse will be generated. 7.5 WatchDog Bit Symbol Value Description WatchDog mode 0 [1] single shot 7 WDM 1 repeat mode WatchDog register bits 0h [1] to 1Fh Write: WatchDog counter load value 6 to 2 WDR[4:0] 0h to 1Fh Read: current counter value WatchDog step size (source clock) 00 [1] 4 seconds (0.25 Hz) 01 1 second (1 Hz) 10 1⁄4 second (4 Hz) 1 to 0 WDS[1:0] 11 1⁄16 second (16 Hz) Table 16. WatchDog - WatchDog control and register (address 2Dh) bit description [1] Default value. 7.5.1 WatchDog functions The WatchDog has four selectable step sizes allowing for periods in the range from 62.5 ms to 124 seconds. For periods greater than 2 minutes, the alarm function can be used. (1) Delay WDS[1:0] WatchDog step size [1] Minimum WatchDog duration WDR = 1 Maximum WatchDog duration WDR = 31 00 4 s 4 s 124 s 01 1 s 1 s 31 s 10 1⁄4 s 0.25 s 7.75 s 11 1⁄16 s 0.0625 s 1.9375 s Table 17. WatchDog durations [1] Time periods can be affected by correction pulses. PCF85263A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 5 — 1 February 2021 23 / 92 |