データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M34116 データシート(PDF) 16 Page - STMicroelectronics

部品番号 M34116
部品情報  PCM CONFERENCE CALL AND TONE GENERATION CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34116 データシート(HTML) 16 Page - STMicroelectronics

Back Button M34116 Datasheet HTML 12Page - STMicroelectronics M34116 Datasheet HTML 13Page - STMicroelectronics M34116 Datasheet HTML 14Page - STMicroelectronics M34116 Datasheet HTML 15Page - STMicroelectronics M34116 Datasheet HTML 16Page - STMicroelectronics M34116 Datasheet HTML 17Page - STMicroelectronics M34116 Datasheet HTML 18Page - STMicroelectronics M34116 Datasheet HTML 19Page - STMicroelectronics M34116 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Figure 12: SYNC, PCM I/O, RESET, TD/TF Timings
Figure 13: WRITE Operating Timing.
(1) tbit corresponds to bit 0, channel 0 or Extra Bit.
M34116
16/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23