データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M34116 データシート(PDF) 22 Page - STMicroelectronics

部品番号 M34116
部品情報  PCM CONFERENCE CALL AND TONE GENERATION CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34116 データシート(HTML) 22 Page - STMicroelectronics

Back Button M34116 Datasheet HTML 15Page - STMicroelectronics M34116 Datasheet HTML 16Page - STMicroelectronics M34116 Datasheet HTML 17Page - STMicroelectronics M34116 Datasheet HTML 18Page - STMicroelectronics M34116 Datasheet HTML 19Page - STMicroelectronics M34116 Datasheet HTML 20Page - STMicroelectronics M34116 Datasheet HTML 21Page - STMicroelectronics M34116 Datasheet HTML 22Page - STMicroelectronics M34116 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
DIP24 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.63
0.025
b
0.45
0.018
b1
0.23
0.31
0.009
0.012
b2
1.27
0.050
D
32.2
1.268
E
15.2
16.68
0.598
0.657
e
2.54
0.100
e3
27.94
1.100
F
14.1
0.555
I
4.445
0.175
L
3.3
0.130
M34116
22/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23