| データシートサーチシステム |
|
M34116 データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M34116 データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 23 page ![]() PIN CONNECTIONS (Top view) ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VDD (*) Supply Voltage – 0.3 to 7 V Vi Input Voltage – 0.3 to VDD VO (off) Off State Output Voltage – 0.3 to 7 V Ptot Total Power Dissipation 500 mW Tstg Storage Temperature – 65 to 150 °C Top Operating Temperature 0 to 70 °C Stresses above those listed under ”Absolute Maximum Ratings” may causes permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Figure 1: PCM Conference Call Insertion Scheme DIP24 PLCC28 M34116 2/23 |