データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OPS2 データシート(PDF) 133 Page - ABB

部品番号 OPS2
部品情報  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ABB [ABB]
ホームページ  http://www.abb.com
Logo ABB - ABB

OPS2 データシート(HTML) 133 Page - ABB

Back Button OPS2 Datasheet HTML 129Page - ABB OPS2 Datasheet HTML 130Page - ABB OPS2 Datasheet HTML 131Page - ABB OPS2 Datasheet HTML 132Page - ABB OPS2 Datasheet HTML 133Page - ABB OPS2 Datasheet HTML 134Page - ABB OPS2 Datasheet HTML 135Page - ABB OPS2 Datasheet HTML 136Page - ABB OPS2 Datasheet HTML 137Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 192 page
background image
—
Accessories for manual switch-disconnectors OT160...4000
Ordering information for fourth poles and neutral terminals
—
Fourth poles, simultaneous function with the main contacts
Mountable on the side of the 3-pole switch without wide phase distances.
Suitable for switches IEC
Type
Order code
Weight/
unit
kg
OT160EV...250E
OTZ250E
1SCA022735R9420
0.35
OT315...400E
OTZ400E
1SCA022749R1960
0.59
OT630...800E
OTZ800E
1SCA022807R5100
1.70
OT1000...1250E
OTZ1250E
1SCA103765R1001
4.30
OT1600E
OTZ1600E
1SCA100431R1001
4.54
OT2000…2500E
OTZ2500E
1SCA107931R1001
4.30
OT3200...4000E
OTZ4000E
1SCA128807R1001
8.40
—
Neutral pole
Suitable for switches UL, including phase barrier
Type
Order code
Weight/
unit
kg
OT200U
OTZ200U
1SCA151734R1001
0.35
OT400U
OTZ400U
1SCA151735R1001
0.59
OT600U
OTZ600U
1SCA151736R1001
1.70
OT800...1200U
OTZ1200U
1SCA151733R1001
4.54
—
Neutral links
Detachable, mountable separately to the base plate.
Suitable for switches
Ith
Type
Order code
Weight/
unit
A
kg
OT160EV...250E, OT200U
250
OXN250
1SCA022752R9950
0.26
OT315...400E, OT400U
400
OXN400
1SCA022770R3060
0.70
OT630...800E, OT600U
800
OXN800T
1SCA022829R0840
0.96
OT1000…4000E
1250
OXN1250T
1SCA104162R1001
2.20
OTZ1250E
OTZ2500E
OXN250
OXN400
OXN1250T
OTZ4000E
OTZ400E
OTZ800E
OTZ1600E
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
133
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
133