データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OPS2 データシート(PDF) 136 Page - ABB

部品番号 OPS2
部品情報  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ABB [ABB]
ホームページ  http://www.abb.com
Logo ABB - ABB

OPS2 データシート(HTML) 136 Page - ABB

Back Button OPS2 Datasheet HTML 132Page - ABB OPS2 Datasheet HTML 133Page - ABB OPS2 Datasheet HTML 134Page - ABB OPS2 Datasheet HTML 135Page - ABB OPS2 Datasheet HTML 136Page - ABB OPS2 Datasheet HTML 137Page - ABB OPS2 Datasheet HTML 138Page - ABB OPS2 Datasheet HTML 139Page - ABB OPS2 Datasheet HTML 140Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 192 page
background image
Terminal clamp sets for Al- and Cu-cables
Suitable
for switches
Cable cross
section
Suitable
shroud type
Terminal
clamp type
Order code
Units/
type
Weight/
unit
mm²
pcs
kg
OZXB type Al/Cu connectors made of stainless steel
OT160EV...250E,
OT200U
10...70
OTS250_L
OZXB1L
1SCA022169R2030
3
0.15
10...70
OTS250_L
OZXB1L/1
1SCA022194R0030
1
0.05
25...120
OZXB2K
OZXB2
1SCA022119R7610
3
0.34
25...120
OZXB2K
OZXB2/1
1SCA022194R0200
1
0.12
25...120
OZXB2K
OZXB2L
1SCA022158R7750
3
0.43
25...120
OZXB2K
OZXB2L/1
1SCA022194R0460
1
0.15
95...185
OTS250_L
OZXB8
1SCA022744R1510
3
0.50
95...185
OTS250_L
OZXB8/1
1SCA022744R1600
1
0.15
95...240
OTS250_L
OZXB9
1SCA022750R3210
3
0.50
95...240
OTS250_L
OZXB9/1
1SCA022750R3300
1
0.14
OT315...400E,
OT400U
25...120
OZXB2K
OZXB2L
1SCA022158R7750
3
0.43
25...120
OZXB2K
OZXB2L/1
1SCA022194R0460
1
0.15
95…185
OZXB3K
OZXB3
1SCA022136R8100
3
1.28
95…185
OZXB3K
OZXB3/1
1SCA022194R0620
1
0.13
2x(95…185)
OZXB3K
OZXB4
1SCA022137R4760
3
1.71
2x(95…185)
OZXB3K
OZXB4/1
1SCA022194R0890
1
0.60
120...240
OZXB5K
OZXB7
1SCA022185R0040
3
1.00
120...240
OZXB5K
OZXB7/1
1SCA022194R1430
1
0.34
120...240
OZXB5K
OZXB7L
1SCA022185R7130
3
1.20
120...240
OZXB5K
OZXB7L/1
1SCA022194R1600
1
0.39
95...185
OTS400_L
OZXB8
1SCA022744R1510
3
0.50
95...185
OTS400_L
OZXB8/1
1SCA022744R1600
1
0.15
95...240
OTS400_L
OZXB9
1SCA022750R3210
3
0.50
95...240
OTS400_L
OZXB9/1
1SCA022750R3300
1
0.14
OT630...800E,
OT600U
120…300
OZXB4K
OZXB5
1SCA022137R2470
3
2.22
120…300
OZXB4K
OZXB5/1
1SCA022194R1010
1
0.80
2x(120…300) OZXB4K
OZXB6
1SCA022137R4920
3
3.03
2x(120…300) OZXB4K
OZXB6/1
1SCA022194R1270
1
1.00
OT1000...1600E,
OT800...1200U
95…185
OTS1600_L
OZXB3
1SCA022136R8100
3
1.28
95…185
OTS1600_L
OZXB3/1
1SCA022194R0620
1
0.13
2x(95…185)
OTS1600_L
OZXB4
1SCA022137R4760
3
1.71
2x(95…185)
OTS1600_L
OZXB4/1
1SCA022194R0890
1
0.60
120…300
OTS1600_L
OZXB5
1SCA022137R2470
3
2.22
120…300
OTS1600_L
OZXB5/1
1SCA022194R1010
1
0.80
2x(120…300) OTS1600_L
OZXB6
1SCA022137R4920
3
3.03
2x(120…300) OTS1600_L
OZXB6/1
1SCA022194R1270
1
1.00
120…240
OTS1600_L
OZXB7L
1SCA022185R7130
3
1.20
120...240
OTS1600_L
OZXB7L/1
1SCA022194R1600
1
0.39
—
Accessories for manual switch-disconnectors OT160...4000
Ordering information for terminal clamps
OZXB2
OZXB2L
OZXB3
OZXB6
OZXB5
OZXB9
OZXB8
OZXB7
OZXB4
OZXB1L
136
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
136
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION