データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OPS2 データシート(PDF) 138 Page - ABB

部品番号 OPS2
部品情報  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ABB [ABB]
ホームページ  http://www.abb.com
Logo ABB - ABB

OPS2 データシート(HTML) 138 Page - ABB

Back Button OPS2 Datasheet HTML 134Page - ABB OPS2 Datasheet HTML 135Page - ABB OPS2 Datasheet HTML 136Page - ABB OPS2 Datasheet HTML 137Page - ABB OPS2 Datasheet HTML 138Page - ABB OPS2 Datasheet HTML 139Page - ABB OPS2 Datasheet HTML 140Page - ABB OPS2 Datasheet HTML 141Page - ABB OPS2 Datasheet HTML 142Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 192 page
background image
OZXA400
OZXA800
OZXA1200
OZXA200
—
Accessories for manual switch-disconnectors OT160...4000
Ordering information for terminal lugs
—
Terminal lug kits for Al- and Cu-cables for UL/CSA disconnect switches
One kit includes 6 pcs.
Suitable
for switches
Cable cross
section
Type
Tightening torque
Weight/
unit
mm²
lb.in/Nm
kg
in
OT200U_
AWG 4-300MCM
OZXA-200
275/31.1
0.04
0.09
OT400U_
AWG 2-600MCM
OZXA-400
375/42.4
0.05
0.12
OT600...800U_
2 X AWG 2-600MCM
OZXA-800
500/56.5
0.21
0.45
OT800U,
OT1200...2000U_
4 X AWG 2-600MCM
OZXA-1200
500/56.5
0.45
0.98
For ordering, please consult us.
—
Technical data for terminal lugs
Description
UL approval file
E6207
Temperature Rating, °C
75
Wire tightening Type of tool
Allen (Hex) wrench
Lug mounting
Bolt & nut mounting
AWG (American Wire Gauge) wire class
B.C
138
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
138
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION