データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XGZP6857D データシート(PDF) 1 Page - CFSensor

部品番号 XGZP6857D
部品情報  XGZP6857D PRESSURE SENSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CFSENSOR [CFSensor]
ホームページ  https://cfsensor.com/
Logo CFSENSOR - CFSensor

XGZP6857D データシート(HTML) 1 Page - CFSensor

  XGZP6857D Datasheet HTML 1Page - CFSensor XGZP6857D Datasheet HTML 2Page - CFSensor XGZP6857D Datasheet HTML 3Page - CFSensor XGZP6857D Datasheet HTML 4Page - CFSensor XGZP6857D Datasheet HTML 5Page - CFSensor XGZP6857D Datasheet HTML 6Page - CFSensor XGZP6857D Datasheet HTML 7Page - CFSensor XGZP6857D Datasheet HTML 8Page - CFSensor XGZP6857D Datasheet HTML 9Page - CFSensor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Calibrated Pressure Sensor Series
V2.9/20250812
XGZP6857D_DataSheet_EN_V2.9
www.CFSensor.com
1 / 16
XGZP6857D PRESSURE SENSOR
FEATURES
■ Wide Ranges: -100kPa…0kPa…1000kPa(show in Pressure Range Example)
■ 2.7V~5.5V Power Supply
■ Gauge Pressure Type(Positive&Vacuum)
■ For Non-corrosive Gas or Air
■ Calibrated Digital Signal(I2C Interface)(Refer to XGZP6857A for Analog signal)
■ Temp. Compensated: 0℃~+60℃(32℉~+140℉)
■ Temperature Measurable
■ Affordable Cost, Easy-to-use
APPLICATIONS
■ Medical&Healthcare
■ Industrial&Automation
■ Domestic Appliance
■ Consumer Electronic
■ Automotive Electronic
INTRODUCTION
XGZP6857D is a perfect silicon pressure sensor offering a ratiometric digital data(I2C interface) for
reading differential pressure over the specified full scale pressure span.
The XGZP6857D incorporates a silicon piezoresistive pressure sensor chip and an interior signal-
conditional Application Specific Integrated Circuit(ASIC) in a DIP package, which can be mounted directly on a
standard PCB.
The XGZP6857D is fully calibrated and temperature compensated for specified span, so XGZP6857D
pressure sensor satisfy the perfect accuracy, which is designed for a wide range of application in medical
care&health, home appliances, consumer electronic, industry, automotive, loT and other pneumatic devices etc
by utilizing a microcontroller or microprocessor with I2C interface.
XGZP6857D pressure sensor is for high volume application at an affordable cost and perfect performance.
Customized calibration parameter (e.g.pressure range etc.) are available.


同様の部品番号 - XGZP6857D

メーカー部品番号データシート部品情報
logo
CFSensor
XGZP6877A CFSENSOR-XGZP6877A Datasheet
654Kb / 9P
XGZP6877A PRESSURE SENSOR
V2.7
XGZP6877A001KPG CFSENSOR-XGZP6877A001KPG Datasheet
654Kb / 9P
XGZP6877A PRESSURE SENSOR
V2.7
XGZP6877A001KPG33 CFSENSOR-XGZP6877A001KPG33 Datasheet
654Kb / 9P
XGZP6877A PRESSURE SENSOR
V2.7
XGZP6877A001KPGPN CFSENSOR-XGZP6877A001KPGPN Datasheet
654Kb / 9P
XGZP6877A PRESSURE SENSOR
V2.7
XGZP6877A001KPGPN33 CFSENSOR-XGZP6877A001KPGPN33 Datasheet
654Kb / 9P
XGZP6877A PRESSURE SENSOR
V2.7
More results

同様の説明 - XGZP6857D

メーカー部品番号データシート部品情報
logo
Festo Corporation.
8035533 FESTO-8035533 Datasheet
108Kb / 2P
Pressure sensor
8114766 FESTO-8114766 Datasheet
86Kb / 2P
Pressure sensor
8114771 FESTO-8114771 Datasheet
78Kb / 2P
Pressure sensor
SDE5-D10-C3-Q6E-P-K FESTO-SDE5-D10-C3-Q6E-P-K Datasheet
79Kb / 2P
Pressure sensor
SDE5-D10-C-Q4E-P-M8 FESTO-SDE5-D10-C-Q4E-P-M8 Datasheet
81Kb / 2P
Pressure sensor
SDE5-D10-C-Q6E-P-M8 FESTO-SDE5-D10-C-Q6E-P-M8 Datasheet
82Kb / 2P
Pressure sensor
SDE5-D10-NF-Q6E-V-K FESTO-SDE5-D10-NF-Q6E-V-K Datasheet
93Kb / 2P
Pressure sensor
SDE5-D10-NF-Q6E-V-M8 FESTO-SDE5-D10-NF-Q6E-V-M8 Datasheet
99Kb / 2P
Pressure sensor
SDE5-D10-O-Q6E-P-M8 FESTO-SDE5-D10-O-Q6E-P-M8 Datasheet
99Kb / 2P
Pressure sensor
SDE5-V1-NF-Q6-V-M8 FESTO-SDE5-V1-NF-Q6-V-M8 Datasheet
98Kb / 2P
Pressure sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com