データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XGZP6857D データシート(PDF) 2 Page - CFSensor

部品番号 XGZP6857D
部品情報  XGZP6857D PRESSURE SENSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CFSENSOR [CFSensor]
ホームページ  https://cfsensor.com/
Logo CFSENSOR - CFSensor

XGZP6857D データシート(HTML) 2 Page - CFSensor

  XGZP6857D Datasheet HTML 1Page - CFSensor XGZP6857D Datasheet HTML 2Page - CFSensor XGZP6857D Datasheet HTML 3Page - CFSensor XGZP6857D Datasheet HTML 4Page - CFSensor XGZP6857D Datasheet HTML 5Page - CFSensor XGZP6857D Datasheet HTML 6Page - CFSensor XGZP6857D Datasheet HTML 7Page - CFSensor XGZP6857D Datasheet HTML 8Page - CFSensor XGZP6857D Datasheet HTML 9Page - CFSensor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Calibrated Pressure Sensor Series
V2.9/20250812
XGZP6857D_DataSheet_EN_V2.9
www.CFSensor.com
2 / 16
PERFORMANCE SPECIFICATION
Unless otherwise specified, measurements were taken by 3.3Vdc with temperature of 25±1℃ and humidity from 25%~85﹪RH.
1
The range cover all pressure ranges as shown as “PRESSURE RANGE EXAMPLE” list.
2
Overload voltage(6.5Vdc above) or current(5mA above) may burn the IC and cause the sensor failure thoroughly.
3
The highest data bit as the signed number.
4
The indicated value is widespread value, contact CFSensor for more information on specific pressure range.
BLOCK DIAGRAM
CHARACTERISTIC
MIN.
TYP.
MAX
UNIT
Available Pressure Range①
-100…-2.5~0~2.5…1000
kPa
Power Supply②
2.7
3.3
5.5
Vdc
Current Consumption
Operating Current
-
1.8
-
mA
Standby Current
-
100
-
nA
Output Resolution③
Pressure
21
Bit
Temperature
16
Bit
Total Accuracy
10kPa<Pressure ≤200kPa
-
-
±2
%FSS
Pressure ≤10kPa or>200kPa
-
-
±2.5
%FSS
Temperature Accuracy
-1
1
℃
Long Term Stability(1000 hr, 25°C)
-
-
±0.5
%FSS
Over Pressure④
Pressure ≤5kPa
-
5X
-
FSS
5kPa<Pressure ≤200kPa
-
2.5X
-
FSS
200kPa<Pressure
-
-
1.5X
FSS
Burst Pressure④
Pressure ≤5kPa
-
10X
-
FSS
5kPa<Pressure ≤200kPa
-
3X
-
FSS
200kPa<Pressure
-
-
2X
FSS
Compensation Temperature
0
-
60
℃
Operating Temperature
-30
-
105
℃
Storage Temperature
-40
-
125
℃
ESD Protection(Human Body Mode)
-
±2000
-
V
Response Time(Normal mode)
-
5
-
mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com