データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XGZP6877A データシート(PDF) 1 Page - CFSensor

部品番号 XGZP6877A
部品情報  XGZP6877A PRESSURE SENSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CFSENSOR [CFSensor]
ホームページ  https://cfsensor.com/
Logo CFSENSOR - CFSensor

XGZP6877A データシート(HTML) 1 Page - CFSensor

  XGZP6877A Datasheet HTML 1Page - CFSensor XGZP6877A Datasheet HTML 2Page - CFSensor XGZP6877A Datasheet HTML 3Page - CFSensor XGZP6877A Datasheet HTML 4Page - CFSensor XGZP6877A Datasheet HTML 5Page - CFSensor XGZP6877A Datasheet HTML 6Page - CFSensor XGZP6877A Datasheet HTML 7Page - CFSensor XGZP6877A Datasheet HTML 8Page - CFSensor XGZP6877A Datasheet HTML 9Page - CFSensor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Calibrated Pressure Sensor Series
V2.7/20240906
XGZP6877A_DataSheet_EN_V2.6
www.CFSensor.com
1 / 9
XGZP6877A PRESSURE SENSOR
FEATURES
■ Wide Ranges: -100kPa…0kPa…1000kPa(show in Pressure Range Example)
■ Gauge Pressure Type (Positive&Vacuum)
■ For Non-corrosive Gas or Air
■ Optional 5V and 3.3V Voltage
■ Calibrated Amplified Analog Signal(Refer to XGZP6877D for I2C interface)
■ Temp. Compensated: 0℃~+60℃(32℉~+140℉)
■ Barbed Inlet
APPLICATIONS
■ Medical&Healthcare
■ Industrial&Automation
■ Domestic Appliance
■ Consumer Electronic
■ Automotive Electronic
INTRODUCTION
XGZP6877A is a perfect silicon pressure sensor offering a ratiometric analog interface for reading pressure
over the specified full scale pressure span.
The XGZP6877A incorporates a silicon piezoresistive pressure sensor die and an interior Application
Specific Integrated Circuit(ASIC) in a SMT package.
The XGZP6877A is fully calibrated and temperature compensated for offset, sensitivity, temperature and
non-linearity, so XGZP6877A pressure sensor satisfy the prefect repeatability, linearity, stability and sensibility,
which can be applied directly in medical&healthy, home appliances, consumer electronic, industry, automotive,
loT and other pneumatic devices etc
XGZP6877A pressure sensor is for high volume application at an affordable cost but perfect performance.
Customized calibrations(working voltage, output voltage, pressure range etc.) are available.
√
RoHS


同様の部品番号 - XGZP6877A

メーカー部品番号データシート部品情報
logo
CFSensor
XGZP6857D CFSENSOR-XGZP6857D Datasheet
632Kb / 16P
XGZP6857D PRESSURE SENSOR
V2.9
XGZP6857DC001MPG CFSENSOR-XGZP6857DC001MPG Datasheet
632Kb / 16P
XGZP6857D PRESSURE SENSOR
V2.9
XGZP6857DC001MPGPN CFSENSOR-XGZP6857DC001MPGPN Datasheet
632Kb / 16P
XGZP6857D PRESSURE SENSOR
V2.9
XGZP6857DC005KPG CFSENSOR-XGZP6857DC005KPG Datasheet
632Kb / 16P
XGZP6857D PRESSURE SENSOR
V2.9
XGZP6857DC005KPGPN CFSENSOR-XGZP6857DC005KPGPN Datasheet
632Kb / 16P
XGZP6857D PRESSURE SENSOR
V2.9
More results

同様の説明 - XGZP6877A

メーカー部品番号データシート部品情報
logo
Festo Corporation.
8035533 FESTO-8035533 Datasheet
108Kb / 2P
Pressure sensor
8114766 FESTO-8114766 Datasheet
86Kb / 2P
Pressure sensor
8114771 FESTO-8114771 Datasheet
78Kb / 2P
Pressure sensor
SDE5-D10-C3-Q6E-P-K FESTO-SDE5-D10-C3-Q6E-P-K Datasheet
79Kb / 2P
Pressure sensor
SDE5-D10-C-Q4E-P-M8 FESTO-SDE5-D10-C-Q4E-P-M8 Datasheet
81Kb / 2P
Pressure sensor
SDE5-D10-C-Q6E-P-M8 FESTO-SDE5-D10-C-Q6E-P-M8 Datasheet
82Kb / 2P
Pressure sensor
SDE5-D10-NF-Q6E-V-K FESTO-SDE5-D10-NF-Q6E-V-K Datasheet
93Kb / 2P
Pressure sensor
SDE5-D10-NF-Q6E-V-M8 FESTO-SDE5-D10-NF-Q6E-V-M8 Datasheet
99Kb / 2P
Pressure sensor
SDE5-D10-O-Q6E-P-M8 FESTO-SDE5-D10-O-Q6E-P-M8 Datasheet
99Kb / 2P
Pressure sensor
SDE5-V1-NF-Q6-V-M8 FESTO-SDE5-V1-NF-Q6-V-M8 Datasheet
98Kb / 2P
Pressure sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com