データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XGZP6877A データシート(PDF) 2 Page - CFSensor

部品番号 XGZP6877A
部品情報  XGZP6877A PRESSURE SENSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CFSENSOR [CFSensor]
ホームページ  https://cfsensor.com/
Logo CFSENSOR - CFSensor

XGZP6877A データシート(HTML) 2 Page - CFSensor

  XGZP6877A Datasheet HTML 1Page - CFSensor XGZP6877A Datasheet HTML 2Page - CFSensor XGZP6877A Datasheet HTML 3Page - CFSensor XGZP6877A Datasheet HTML 4Page - CFSensor XGZP6877A Datasheet HTML 5Page - CFSensor XGZP6877A Datasheet HTML 6Page - CFSensor XGZP6877A Datasheet HTML 7Page - CFSensor XGZP6877A Datasheet HTML 8Page - CFSensor XGZP6877A Datasheet HTML 9Page - CFSensor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Calibrated Pressure Sensor Series
V2.7/20240906
XGZP6877A_DataSheet_EN_V2.6
www.CFSensor.com
2 / 9
PERFORMANCE SPECIFICATION
Unless otherwise specified, measurements were taken with a a temperature of 25±1℃ and humidity from 25%~85%RH
1
The range cover all pressure ranges as shown as “PRESSURE RANGE EXAMPLE” list.
2
Sensors are either 3.3 Vdc or 5.0 Vdc based on the “ORDER GUIDE” selected; and overload voltage(6.5Vdc above) or
current(5mA above) may burn the IC and cause the sensor fail thoroughly.
3
The output value is achieved within the specified operating voltage, contact CFSensor for customized output if required.
4
The indicated value is widespread value, contact CFSensor for more information on specific pressure range.
BLOCK DIAGRAM
CHARACTERISTIC
MIN.
TYP.
MAX
UNIT
Available Pressure Range①
-100…-2.5~0~2.5…1000
kPa
Power Supply②
4.75
5
5.25
Vdc
3
3.3
3.6
Vdc
Current Consumption
-
2
-
mA
Output Range③
5Vdc Power Supply
0.5~4.5
Vdc
3.3Vdc Power Supply
0.2~2.7
Vdc
Total Accuracy
10kPa<Pressure ≤200kPa
-
-
±2
%FSS
Pressure ≤10kPa or>200kPa
-
-
±2.5
%FSS
Long Term Stability(1000 hr, 25°C)
-
-
±0.5
%FSS
Over Pressure④
Pressure ≤5kPa
-
5X
-
FSS
5kPa<Pressure ≤200kPa
-
2.5X
-
FSS
200kPa<Pressure
-
-
1.5X
FSS
Burst Pressure④
Pressure ≤5kPa
-
10X
-
FSS
5kPa<Pressure ≤200kPa
-
3X
-
FSS
200kPa<Pressure
-
-
2X
FSS
Compensation Temperature
0
-
60
℃
Operating Temperature
-30
-
100
℃
Storage Temperature
-40
-
125
℃
ESD Protection(Human Body Mode)
-
±2000
-
V
Response Time(T90)
-
2.5
-
mS



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com