| データシートサーチシステム |
|
EM78F651NAPS/NAPJ データシート(PDF) 29 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78F651NAPS/NAPJ データシート(HTML) 29 Page - ELAN Microelectronics Corp |
|
29 / 58 page ![]() EM78F651N 8-Bit Microcontroller Product Specification (V1.1) 10.20.2006 • 25 (This specification is subject to change without further notice) Address Name Reset Type Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Bit Name GP2 GP1 GP0 T P Z DC C Power-on 0 0 0 1 1 U U U /RESET and WDT 0 0 0 t t P P P 0x03 R3 (SR) Wake-up from Pin Change P P P t t P P P Bit Name - - - - - - - - Power-on 0 0 U U U U U U /RESET and WDT 0 0 P P P P P P 0x04 R4 (RSR) Wake-up from Pin Change 0 0 P P P P P P Bit Name P57 P56 P55 P54 P53 P52 P51 P50 Power-on U U U U U U U U /RESET and WDT P P P P P P P P 0x05 P5 Wake-up from Pin Change P P P P P P P P Bit Name P67 P66 P65 P64 P63 P62 P61 P60 Power-on U U U U U U U U /RESET and WDT P P P P P P P P 0x06 P6 Wake-up from Pin Change P P P P P P P P Bit Name P77 × × × × × × × Power-on U 0 0 0 0 0 0 0 /RESET and WDT P 0 0 0 0 0 0 0 0x07 P7 Wake-up from Pin Change P 0 0 0 0 0 0 0 Bit Name - - - - - - - - Power-on 1 1 1 1 1 1 1 1 /RESET and WDT P P P P P P P P 0x7~0x9 R7~R9 Wake-up from Pin Change P P P P P P P P Bit Name - ICWE - - - - - - Power-on 0 0 0 0 0 0 0 0 /RESET and WDT 0 P 0 0 0 0 0 0 0XA RA (WCR) Wake-up from Pin Change 0 P 0 0 0 0 0 0 |