| データシートサーチシステム |
|
EM78F651NAPS/NAPJ データシート(PDF) 38 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78F651NAPS/NAPJ データシート(HTML) 38 Page - ELAN Microelectronics Corp |
|
38 / 58 page ![]() EM78F651N 8-Bit Microcontroller 34 • Product Specification (V1.1) 10.20.2006 (This specification is subject to change without further notice) 6.8.2.2 Example Demonstration Programs ;To define the control register ;Write data to EEPROM RC == 0x0C RB == 0x0B RD == 0x0D Read == 0x07 WR == 0x06 EEWE == 0x05 EEDF == 0x04 EEPC == 0x03 BS RB, EEPC ; Set the EEPROM power on MOV A,@0x0A MOV RC,A ; Assign the address from EEPROM BS RB, EEWE ; Enable the EEPROM write function MOV A,@0x55 MOV RD,A ; Set the data for EEPROM BS RB,WR ; Write value to EEPROM JBC RB,EEDF ; To check the EEPROM bit complete or not JMP $-1 ;To define the control register ;Read data from EEPROM RC == 0x0C RD == 0x0D Read == 0x07 WR == 0x06 EEWE == 0x05 EEDF == 0x04 EEPC == 0x03 BS RB, EEPC ; Set the EEPROM power on MOV A,@0x0A MOV RC,A ; Assign the address from EEPROM BS RB, Read ; Set EEPROM read function JBC RB,EEDF ; To check the EEPROM bit complete or not JMP $-1 MOV A,RD |