| データシートサーチシステム |
|
EM78F651NAPS/NAPJ データシート(PDF) 50 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78F651NAPS/NAPJ データシート(HTML) 50 Page - ELAN Microelectronics Corp |
|
50 / 58 page ![]() EM78F651N 8-Bit Microcontroller 46 • Product Specification (V1.1) 10.20.2006 (This specification is subject to change without further notice) Convention: R = Register designator that specifies which one of the registers (including operation and general purpose registers) is to be utilized by the instruction. b = Bit field designator that selects the value for the bit located in the register R and which affects the operation. k = 8 or 10-bit constant or literal value Binary Instruction Hex Mnemonic Operation Status Affected 0 0000 0000 0000 0000 NOP No Operation None 0 0000 0000 0001 0001 DAA Decimal Adjust A C 0 0000 0000 0010 0002 CONTW A → CONT None 0 0000 0000 0011 0003 SLEP 0 → WDT, Stop oscillator T, P 0 0000 0000 0100 0004 WDTC 0 → WDT T, P 0 0000 0000 rrrr 000r IOW R A → IOCR None 1 0 0000 0001 0000 0010 ENI Enable Interrupt None 0 0000 0001 0001 0011 DISI Disable Interrupt None 0 0000 0001 0010 0012 RET [Top of Stack] → PC None 0 0000 0001 0011 0013 RETI [Top of Stack] → PC, Enable Interrupt None 0 0000 0001 0100 0014 CONTR CONT → A None 0 0000 0001 rrrr 001r IOR R IOCR → A None 1 0 0000 01rr rrrr 00rr MOV R,A A → R None 0 0000 1000 0000 0080 CLRA 0 → A Z 0 0000 11rr rrrr 00rr CLR R 0 → R Z 0 0001 00rr rrrr 01rr SUB A,R R-A → A Z, C, DC 0 0001 01rr rrrr 01rr SUB R,A R-A → R Z, C, DC 0 0001 10rr rrrr 01rr DECA R R-1 → A Z 0 0001 11rr rrrr 01rr DEC R R-1 → R Z 0 0010 00rr rrrr 02rr OR A,R A ∨ R → A Z 0 0010 01rr rrrr 02rr OR R,A A ∨ R → R Z 0 0010 10rr rrrr 02rr AND A,R A & R → A Z 0 0010 11rr rrrr 02rr AND R,A A & R → R Z 0 0011 00rr rrrr 03rr XOR A,R A ⊕ R → A Z 0 0011 01rr rrrr 03rr XOR R,A A ⊕ R → R Z 0 0011 10rr rrrr 03rr ADD A,R A + R → A Z, C, DC 0 0011 11rr rrrr 03rr ADD R,A A + R → R Z, C, DC 0 0100 00rr rrrr 04rr MOV A,R R → A Z 0 0100 01rr rrrr 04rr MOV R,R R → R Z |