データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CBS2 データシート(PDF) 4 Page - Clarke International

部品番号 CBS2
部品情報  BELT SANDER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CLARKE [Clarke International]
ホームページ  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CBS2 データシート(HTML) 4 Page - Clarke International

  CBS2 Datasheet HTML 1Page - Clarke International CBS2 Datasheet HTML 2Page - Clarke International CBS2 Datasheet HTML 3Page - Clarke International CBS2 Datasheet HTML 4Page - Clarke International CBS2 Datasheet HTML 5Page - Clarke International CBS2 Datasheet HTML 6Page - Clarke International CBS2 Datasheet HTML 7Page - Clarke International CBS2 Datasheet HTML 8Page - Clarke International CBS2 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
5. DO NOT overreach. Keep proper footing and balance at all times. This enables
better control of the power tool in unexpected situations.
6. Dress properly. DO NOT wear loose clothing or jewellery. Keep your hair, clothing
and gloves away from moving parts. Loose clothes, jewellery or long hair can be
caught in moving parts.
POWER TOOL USE AND CARE
1. DO NOT force the power tool. Use the correct accessories for your application.
The correct power tool will do the job better and safer at the rate which it was
designed for.
2. DO NOT use the power tool if the switch does not turn it on and off. Any power tool
that cannot be controlled with the switch is dangerous and must be repaired.
3. Disconnect the plug from the power source before changing accessories, or
storing power tools. Such preventive safety measures reduce the risk of starting
the power tool accidentally.
4. Store idle tools out of the reach of children and DO NOT allow persons unfamiliar
with the power tool or these instructions to operate it. Power tools are dangerous
in the hands of untrained users.
5. Maintain power tools. Check for misalignment or binding of moving parts,
breakage of parts and any other condition that may affect the power tool’s
operation. If damaged, have the power tool repaired before use. Many accidents
are caused by poorly maintained power tools.
6. Use the power tool and accessories in accordance with these instructions and in
the manner intended, taking into account the working conditions and the work to
be performed. Use of the power tool for operations different from intended could
result in a hazardous situation.
7. The performance of this tool may vary, depending upon variations in line voltage.
Extension cable usage may also affect performance.
SERVICE
1. Have your power tool serviced by qualified service personnel using only identical
replacement parts. This will ensure that the safety of the power tool is maintained.
ADDITIONAL SAFETY WARNINGS FOR SANDERS
1. Secure the workpiece to a stable platform. Holding the workpiece by hand or
against your body may lead to loss of control.
2. Dust arising from sanding may endanger the health of the operator and possible
bystanders. Wear a dust mask and ensure that persons entering the work area
are also protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16