| データシートサーチシステム |
|
AS3418 データシート(PDF) 23 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS3418 データシート(HTML) 23 Page - ams-OSRAM AG |
|
23 / 78 page ![]() Document Feedback AS3418 Functional Description Datasheet • PUBLIC DS000507 • v4-00 • 2020-Jan-23 77 │ 22 which can be configured according in the ANC_HPH_MUX, MON_HPH_MUX and PBO_HPH_MUX registers independently for each operation mode . The “Open” setting is being used to disable the active noise cancelling function. Figure 20: Headphone Amplifier Single Ended Figure 21: Headphone Amplifier Differential QMICR QOP1R open QMICL QOP1L open HPR HPL LINL AGND LINR RLIN RLIN 1kΩ 1kΩ 1kΩ 1kΩ 1kΩ 1kΩ XXX_HPH_MUX XXX_HPH_MUX LINE_MUTE LINE_MUTE QMICL QOP1L open HPR HPL AGND LINR RLIN 1k 1k 1k 1k 1k XXX_HPH_MUX LINE_MUTE |