データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS3418 データシート(PDF) 27 Page - ams-OSRAM AG

部品番号 AS3418
部品情報  Low Noise ANC Solution
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSOSRAM [ams-OSRAM AG]
ホームページ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3418 データシート(HTML) 27 Page - ams-OSRAM AG

Back Button AS3418 Datasheet HTML 23Page - ams-OSRAM AG AS3418 Datasheet HTML 24Page - ams-OSRAM AG AS3418 Datasheet HTML 25Page - ams-OSRAM AG AS3418 Datasheet HTML 26Page - ams-OSRAM AG AS3418 Datasheet HTML 27Page - ams-OSRAM AG AS3418 Datasheet HTML 28Page - ams-OSRAM AG AS3418 Datasheet HTML 29Page - ams-OSRAM AG AS3418 Datasheet HTML 30Page - ams-OSRAM AG AS3418 Datasheet HTML 31Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 78 page
background image
Document Feedback
AS3418
Functional Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 26
off mode or if the headset runs out of battery. Figure 29 shows the basic music playback path of the
AS3418 with a full battery. In this mode the line input signal is feed to the headphone amplifier. The
integrated bypass switches are automatically disabled in this operation mode.
Figure 29:
Bypass Mode Inactive
Figure 30 shows the AS3418 in off mode with an empty battery. This is basically the same use case
as no battery at all. In this mode the internal bypass switch becomes active. The headphone amplifier
is not powered because the headset has run out of battery and the bypass switch becomes active.
Thus the music signal coming from the 3.5mm audio jack is routed through the ANC chip, without any
power source connected to the device, to the speakers. The integrated bypass switch works even
without any battery connected to the device. It helps to reduce BOM costs and PCB area. Furthermore
it facilitates new industrial designs to ANC solutions.
Music Bypass
Music Bypass
BPL
BPR
AGND
LINL
LINR
100%
3.5mm audio jack
HPR
HPL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78