データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS1163 データシート(PDF) 7 Page - ams-OSRAM AG

部品番号 AS1163
部品情報  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSOSRAM [ams-OSRAM AG]
ホームページ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 データシート(HTML) 7 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 3Page - ams-OSRAM AG AS1163 Datasheet HTML 4Page - ams-OSRAM AG AS1163 Datasheet HTML 5Page - ams-OSRAM AG AS1163 Datasheet HTML 6Page - ams-OSRAM AG AS1163 Datasheet HTML 7Page - ams-OSRAM AG AS1163 Datasheet HTML 8Page - ams-OSRAM AG AS1163 Datasheet HTML 9Page - ams-OSRAM AG AS1163 Datasheet HTML 10Page - ams-OSRAM AG AS1163 Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 91 page
background image
AS1163
General description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
7 / 91
/
MCU mode having Manchester downstream and data & clock upstream will produce
communication error flags at parallel devices that are not addressed, while MCU - SPI mode
supports parallel communication, given its symmetry in downstream and upstream flows (See
Chapter 6.5).
Figure 3: Use case 3
Figure 3 shows parallel connection of Daisy Chains using local CAN bus, supporting OSIRE
RGBi and I²C device interfacing.
Parallel addressing (Figure 4) is fully supported with symmetrical communication modes, such
as SPI-mode, LVDS mode, CAN mode (also called USE mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91