データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS1163 データシート(PDF) 74 Page - ams-OSRAM AG

部品番号 AS1163
部品情報  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSOSRAM [ams-OSRAM AG]
ホームページ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 データシート(HTML) 74 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 70Page - ams-OSRAM AG AS1163 Datasheet HTML 71Page - ams-OSRAM AG AS1163 Datasheet HTML 72Page - ams-OSRAM AG AS1163 Datasheet HTML 73Page - ams-OSRAM AG AS1163 Datasheet HTML 74Page - ams-OSRAM AG AS1163 Datasheet HTML 75Page - ams-OSRAM AG AS1163 Datasheet HTML 76Page - ams-OSRAM AG AS1163 Datasheet HTML 77Page - ams-OSRAM AG AS1163 Datasheet HTML 78Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 91 page
background image
AS1163
Command and register description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
74 / 91
/
Addr: 0x4C
READSETUP
Bit
Bit name
Default
Access
Bit description
3
CE_FSAVE
0x0
RW
This bit controls how a device behaves when a
communication error is detected:
0: Detected error will be set only the flag:
CE_FLAG@STATUS
No error answer to P4EVENT command.
1: Detected error will set flag and put device into SLEEP
state
2
LOS_FSAVE
0x0
RW
This bit controls how a device behaves when an LED error
is detected:
0: Detected error will be set only the flag:
LOS_FLAG@STATUS
No error answer to P4EVENT command.
1: Detected error will set flag and put device into SLEEP
state
1
OT_FSAVE
0x1
RW
This bit controls how a device behaves when an
overtemperature error is detected:
0: Detected error will be set only the flag:
OT_FLAG@STATUS
No error answer to P4EVENT command.
1: Detected error will set flag and put device into SLEEP
state
0
UV_FSAVE
0x1
RW
This bit controls how a device behaves when an
undervoltage or overvoltage error is detected:
0: Detected error will be set only the flag:
UV_FLAG@STATUS
OV_FLAG@STATUS
No error answer to P4EVENT command.
1: Detected error will set corresponding flag (UV_FLAG or
OV_FLAG) and put device into SLEEP state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91