データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS1163 データシート(PDF) 90 Page - ams-OSRAM AG

部品番号 AS1163
部品情報  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSOSRAM [ams-OSRAM AG]
ホームページ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 データシート(HTML) 90 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 83Page - ams-OSRAM AG AS1163 Datasheet HTML 84Page - ams-OSRAM AG AS1163 Datasheet HTML 85Page - ams-OSRAM AG AS1163 Datasheet HTML 86Page - ams-OSRAM AG AS1163 Datasheet HTML 87Page - ams-OSRAM AG AS1163 Datasheet HTML 88Page - ams-OSRAM AG AS1163 Datasheet HTML 89Page - ams-OSRAM AG AS1163 Datasheet HTML 90Page - ams-OSRAM AG AS1163 Datasheet HTML 91Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 90 / 91 page
background image
AS1163
Revision information
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
90 / 91
/
Changes from previous released version to current revision v2-00
Page
READSTAT content description: Corrected from Loop/bi-directional to overvoltage
67
Improved text for READPWMCHN and SETPWMCHN
75 – 76, 77
READTCOEFF renamed to: READTCOEFFCHN
80
SETTCOEFF renamed to: SETTCOEFFCHN
81
Corrected answer: 8-bit content of the ADC.
81
SETOTP payload corrected to 7 Byte to write
83
●
Page and figure numbers for the previous version may differ from page and figure numbers in the current revision.
●
Correction of typographical errors is not explicitly mentioned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91