| データシートサーチシステム |
|
AS7058 データシート(PDF) 117 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7058 データシート(HTML) 117 Page - ams-OSRAM AG |
|
117 / 199 page ![]() AS7058 Register description Datasheet • PUBLIC • Document Feedback DS001077 • v2-00 • 2025-Sep-24 117 / 199 / 8.7.3 PPG1_PDSEL2 register (Address 0x5b) Table 87: PPG1_PDSEL2 register Addr: 0x5b PPG1_PDSEL2 Bit Bit name Default Access Bit description 7 ppg1_pdsel_sub2 0 RW Selects PD8 for MOD1 in subsample 2. 0: Disabled 1: Enabled 6 0 RW Selects PD7 for MOD1 in subsample 2, explanation at bit 7. 5 0 RW Selects PD6 for MOD1 in subsample 2, explanation at bit 7. 4 0 RW Selects PD5 for MOD1 in subsample 2, explanation at bit 7. 3 0 RW Selects PD4 for MOD1 in subsample 2, explanation at bit 7. 2 0 RW Selects PD3 for MOD1 in subsample 2, explanation at bit 7. 1 0 RW Selects PD2 for MOD1 in subsample 2, explanation at bit 7. 0 0 RW Selects PD1 for MOD1 in subsample 2, explanation at bit 7. 8.7.4 PPG1_PDSEL3 register (Address 0x5c) Table 88: PPG1_PDSEL3 register Addr: 0x5c PPG1_PDSEL3 Bit Bit name Default Access Bit description 7 ppg1_pdsel_sub3 0 RW Selects PD8 for MOD1 in subsample 3. 0: Disabled 1: Enabled 6 0 RW Selects PD7 for MOD1 in subsample 3, explanation at bit 7. 5 0 RW Selects PD6 for MOD1 in subsample 3, explanation at bit 7. 4 0 RW Selects PD5 for MOD1 in subsample 3, explanation at bit 7. 3 0 RW Selects PD4 for MOD1 in subsample 3, explanation at bit 7. 2 0 RW Selects PD3 for MOD1 in subsample 3, explanation at bit 7. 1 0 RW Selects PD2 for MOD1 in subsample 3, explanation at bit 7. 0 0 RW Selects PD1 for MOD1 in subsample 3, explanation at bit 7. |