| データシートサーチシステム |
|
AS7058 データシート(PDF) 119 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7058 データシート(HTML) 119 Page - ams-OSRAM AG |
|
119 / 199 page ![]() AS7058 Register description Datasheet • PUBLIC • Document Feedback DS001077 • v2-00 • 2025-Sep-24 119 / 199 / 8.7.7 PPG1_PDSEL6 register (Address 0x5f) Table 91: PPG1_PDSEL6 register Addr: 0x5f PPG1_PDSEL6 Bit Bit name Default Access Bit description 7 ppg1_pdsel_sub6 0 RW Selects PD8 for MOD1 in subsample 6. 0: Disabled 1: Enabled 6 0 RW Selects PD7 for MOD1 in subsample 6, explanation at bit 7. 5 0 RW Selects PD6 for MOD1 in subsample 6, explanation at bit 7. 4 0 RW Selects PD5 for MOD1 in subsample 6, explanation at bit 7. 3 0 RW Selects PD4 for MOD1 in subsample 6, explanation at bit 7. 2 0 RW Selects PD3 for MOD1 in subsample 6, explanation at bit 7. 1 0 RW Selects PD2 for MOD1 in subsample 6, explanation at bit 7. 0 0 RW Selects PD1 for MOD1 in subsample 6, explanation at bit 7. 8.7.8 PPG1_PDSEL7 register (Address 0x60) Table 92: PPG1_PDSEL7 register Addr: 0x60 PPG1_PDSEL7 Bit Bit name Default Access Bit description 7 ppg1_pdsel_sub7 0 RW Selects PD8 for MOD1 in subsample 7. 0: Disabled 1: Enabled 6 0 RW Selects PD7 for MOD1 in subsample 7, explanation at bit 7. 5 0 RW Selects PD6 for MOD1 in subsample 7, explanation at bit 7. 4 0 RW Selects PD5 for MOD1 in subsample 7, explanation at bit 7. 3 0 RW Selects PD4 for MOD1 in subsample 7, explanation at bit 7. 2 0 RW Selects PD3 for MOD1 in subsample 7, explanation at bit 7. 1 0 RW Selects PD2 for MOD1 in subsample 7, explanation at bit 7. 0 0 RW Selects PD1 for MOD1 in subsample 7, explanation at bit 7. |