| データシートサーチシステム |
|
CMV2000 データシート(PDF) 8 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CMV2000 データシート(HTML) 8 Page - ams-OSRAM AG |
|
8 / 87 page ![]() CMV2000 Pinout Datasheet • PUBLIC • Document Feedback DS000734 • v8-00 • 2025-Jul-07 8 / 87 / 3 Pinout Pins that are marked as optional are not strictly required for sensor operation, they are test pins or pins that are only needed for using a certain feature. When these pins are not used, they can be left floating. When all 16 LVDS channels are not used, and the sensor is configured for multiplexing, the unused output channels can also be left floating. 3.1 µPGA and LGA pinout This is the pin layout as seen from the top. Table 2: µPGA and LGA pinout 1 2 3 4 5 6 7 8 9 10 11 12 H VDD33 TDIG1 T_EX P1 SPI_C LK SYS_ RES_N VDD3 3 GND Vres_L Vtf_l3 COL_P C LVDS DIO2 G VDDPIX TDIG2 T_EX P2 SPI_E N CMD_P CMD_ N Tana Vtf_l1 Col_am p ADC Vbgap VDDPIX F GND FRAME_R EQ SPI_I N SPI_O UT CMD_P_I NV Vpch_ H Vres_H Vtf_l2 Col_loa d Ramp DIO1 GND E CLK_IN VDD33 GND VDD20 GND VDDP IX VDD20 VDD20 GND SG_AD C Vramp1 Vramp2 D LVDS_CL K_P LVDS_ CLK_N OUT3 _N OUT3_ P OUT8_N OUT8 _P OUT9_ N OUT9_ P OUT14 _N OUT14 _P VREF REF_AD C C GND OUT1_N OUT1 _P OUT6_ N OUT6_P GND VDD20 OUT11 _N OUT11 _P OUT16 _N OUT16_ P GND B OUTCTR_ N OUTCTR_ P OUT4 _N OUT4_ P OUT7_N OUT7 _P OUT10 _N OUT10 _P OUT13 _N OUT13 _P OUTCLK _N OUTCLK _P A OUT2_N OUT2 _P OUT5_ N OUT5_P GND VDD20 OUT12 _N OUT12 _P OUT15 _N OUT15_ P GND |