データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CMV2000 データシート(PDF) 83 Page - ams-OSRAM AG

部品番号 CMV2000
部品情報  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSOSRAM [ams-OSRAM AG]
ホームページ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 データシート(HTML) 83 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 79Page - ams-OSRAM AG CMV2000 Datasheet HTML 80Page - ams-OSRAM AG CMV2000 Datasheet HTML 81Page - ams-OSRAM AG CMV2000 Datasheet HTML 82Page - ams-OSRAM AG CMV2000 Datasheet HTML 83Page - ams-OSRAM AG CMV2000 Datasheet HTML 84Page - ams-OSRAM AG CMV2000 Datasheet HTML 85Page - ams-OSRAM AG CMV2000 Datasheet HTML 86Page - ams-OSRAM AG CMV2000 Datasheet HTML 87Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 83 / 87 page
background image
CMV2000
Soldering & storage information
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
83 / 87
/
11
Soldering & storage information
CMV2000 is shipped in a moisture barrier package. We recommend to keep the moisture
barrier package closed and stored under the conditions shown in Table 5. Only open the
moisture barrier package before the usage of the devices.
When reflow soldering, a dry bake needs to be performed upfront! For soldering information,
follow Standard J-STD-020. If the temperature/time profile exceeds these recommendations,
damage to the image sensor can occur.
11.1
Manual soldering
Use partial heating method and use a soldering iron with temperature control. The soldering
iron tip temperature is not to exceed 350 ºC with 270 °C maximum pin temperature, 2 seconds
maximum duration per pin. Avoid global heating of the ceramic package during soldering.
Failure to do so may alter device performance and reliability.
11.2
Wave soldering
Wave soldering is possible but not recommended. Solder dipping can cause damage to the
glass and harm the imaging capability of the device. See Figure 63 for the wave soldering
profile.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87