| データシートサーチシステム |
|
R7KA8M2AFDCAM データシート(PDF) 100 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R7KA8M2AFDCAM データシート(HTML) 100 Page - Renesas Technology Corp |
|
100 / 295 page ![]() 1.07 1.06 ,....... 1.05 () 0 1.04 () 0 () () 1.03 1.02 1.01 All RKEEP bits PDRAMSCRO. are O RKEEP0~3 PDRAMSCRO. RKEEP0~7 PDRAMSCRO. PDRAMSCRO. PDRAMSCRO. RKEEP0~11 RKEEP0~12 RKEEP0~12 PDRAMSCR1. RKEEPO Name of PDRAM register bit set to 1 ■Average value of the tested middle samples during product evaluation. PDRAMSCRO. RKEEP0~12 PDRAMSCR1. RKEEP0,1 Figure 2.18 Software Standby current per SRAM state (ICC_DCDC, SS2LP_1, SVSCR_5) (reference data) The more practical ICC_DCDC value can be obtained with the following formula. ICC_DCDC = (IDD × VCL) / (VCC_DCDC × efficiency) Where: VCL and VCC are the voltage of VCL pin and VCC pin respectively, and efficiency is shown in the following figures. RA8M2 Datasheet 2. Electrical Characteristics R01DS0438EJ0130 Rev.1.30 Feb 27, 2026 Page 100 of 295 |