| データシートサーチシステム |
|
R7KA8M2AFDCAM データシート(PDF) 202 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R7KA8M2AFDCAM データシート(HTML) 202 Page - Renesas Technology Corp |
|
202 / 295 page ![]() T C9 C8 C1 D7 D6 D1 Repeated START(Sr) STOP(P) = High Speed Active Push-Pull Drive STOP(P) Repeated START(Sr) SDA MST- SDA SLV-SDA SCL 0.3 × VCC 0.7 × VCC 0.3 × VCC 0.7 × VCC 0.3 × VCC 0.7 × VCC 0.3 × VCC 0.7 × VCC 0.3 × VCC 0.7 × VCC 0.3 × VCC 0.7 × VCC tCBSr TCASr tSCO tSCO C9 SDA SCL = Active Drive by Master or Slave = Open-Drain class Pull-Up by master = High-Z by Master = High-Z by Slave Note: Sr immediately followed by P is illegal for I2C devices, however many devices are not adversely affected by it. The condition is not illegal for I3C devices. Figure 2.99 T-Bit When Master Ends Read with Repeated START and STOP RA8M2 Datasheet 2. Electrical Characteristics R01DS0438EJ0130 Rev.1.30 Feb 27, 2026 Page 202 of 295 |