データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R7KA8M2AFECAC データシート(PDF) 40 Page - Renesas Technology Corp

部品番号 R7KA8M2AFECAC
部品情報  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFECAC データシート(HTML) 40 Page - Renesas Technology Corp

Back Button R7KA8M2AFECAC Datasheet HTML 36Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 37Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 38Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 39Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 40Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 41Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 42Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 43Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 295 page
background image
Table 1.17
Pin list for the SiP product (8 of 8)
BGA303
Power, System, Clock, Debug,
CAC
I/O ports
ExBus/
SDRAM
Ex.Interrup
t
SCI/IIC/I3C/SPI/CANFD/USBFS/USBHS/
OSPI/SSIE/SDHI/MMC/ESWM(GMII,
RGMII, MII, RMII)/PDMIF
GPT/AGT/ULPT/RTC
ADC16H/
DAC12/
ACMPHS
CEU
V6
—
P808
—
IRQ15
RXD7_B/SCL7_B/MISO7_B/OM_0_SCLK
GTIOC13B
—
—
V7
—
P100
—
IRQ2
SCK9_A/DE9/MISOB_A/OM_0_SIO0
GTETRGA/GTIOC8B/AGTIO0
—
—
V8
CACREF
P500
—
IRQ24
RXD8_B/SCL8_B/MISO8_B/
USB_VBUSEN/SD1DAT5_A/PDMDAT0
GTIOC11B
AN021
—
V9
—
P015
—
IRQ13
—
—
AN015/DA1/
IVCMP0
—
V10
VREFH
—
—
—
—
—
—
—
V11
VREFH0
—
—
—
—
—
—
—
V12
—
P008
—
IRQ12-DS
—
—
AN008/
IVREF0
—
V13
—
P006
—
IRQ11-DS
—
—
AN006/
IVCMP2
—
V14
—
P000
—
IRQ6-DS
—
—
AN000/
IVCMP2
—
V15
—
P002
—
IRQ8-DS
—
—
AN002/
IVCMP2
—
V16
—
P511
—
IRQ15
CTS_RTS8_A/SS8_A/DE8/SDA1_A*1/
CRX1/ET1_LINKSTA
GTIOC0B
—
—
V17
—
P814
—
IRQ16
CRX0/USB_DP
GTIOC8B
—
—
V18
VSS
—
—
—
—
—
—
—
Note:
Several pin names have the added suffix of _A, _B, and _C. These suffixes have special conditions for electrical characteristics.
Note 1. There are two types for IIC function, one is a simple IIC by SCI and another is a dedicated IIC. This terminal is for a dedicated IIC.
RA8M2 Datasheet
1. Overview
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 40 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More