| データシートサーチシステム |
|
RZ/G2UL データシート(PDF) 6 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/G2UL データシート(HTML) 6 Page - Renesas Technology Corp |
|
6 / 67 page ![]() RZ/G2UL Group 1. Overview R01DS0486EJ0110 Rev.1.10 Page 6 of 67 Jun 16, 2025 1.1.7 Display Interface Item Description LCD Controller [RZ/G2UL (Type-1)] ● 1 channel (Parallel output) ● 2 planes blending (can blend 2 different size images) ● Support Image Processing: – Dither processing (RGB666) – Clipping – RGB Gamma Correction LUT ● Support Input Data Format: – RGB565 / RGB666 / RGB888 – ARGB1555 / ARGB4444 / ARGB8888 – YcbCr444 8-bit / YcbCr422 8-bit / YcbCr420 8-bit Parallel Output Interface [RZ/G2UL (Type-1)] ● 1 channel ● Support WXGA (1280 × 800), 60 fps ● Support Output Data Format: – RGB666 / RGB888 ● CLK / HD / VD timing signal supported 1.1.8 Sound Interface Item Description Serial Sound Interface (SSI) [RZ/G2UL (Type-1)] ● 4 channels bidirectional serial transfer [RZ/G2UL (Type-2)] ● 3 channels bidirectional serial transfer [RZ/G2UL (Type-1) RZ/G2UL (Type-2)] ● 2 external clock sources available ● Duplex communication (channel 0, 1, and 3) ● Support of I2S / Monaural / TDM audio formats ● Support of master and slave functions ● Generation of programmable word clock and bit clock ● Multi-channel formats ● Support of 8, 16, 18, 20, 22, 24, and 32-bit data formats ● Support of 32-stage FIFO for transmission and reception ● Support of LR-clock continue function in which the LR-clock signal is not stopped |