| データシートサーチシステム |
|
RZ/G2UL データシート(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/G2UL データシート(HTML) 14 Page - Renesas Technology Corp |
|
14 / 67 page ![]() RZ/G2UL Group 1. Overview R01DS0486EJ0110 Rev.1.10 Page 14 of 67 Jun 16, 2025 1.3 Product Lineup Table 1.1 Product Lineup Group Package Part Number Security*1 RZ/G2UL 13 mm BGA R9A07G043U15GBG Available (Type-1) R9A07G043U11GBG Not supported 13 mm BGA R9A07G043U16GBG Available (Type-2) R9A07G043U12GBG Not supported Note 1. The product with security function supports the following features. — Crypto Extension (Cortex-A55 configuration) — Trusted Secure IP — Trust Zone*2 — Secure Boot — Secure Debug — HW Key protection — True Random Generator — Trusted Execution Environment (TEE)*2 Note 2. The product without security function also supports them. |