| データシートサーチシステム |
|
9DB233AFILF データシート(PDF) 11 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
9DB233AFILF データシート(HTML) 11 Page - Renesas Technology Corp |
|
11 / 18 page ![]() 9DB233 TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3 IDT® TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3 11 9DB233 OCTOBER 20, 2016 SMBus Table: Device Control Register, READ/WRITE ADDRESS (D5/D4) Pin # Name Control Function Type0 1 Default Bit 7 SW_EN Enables SMBus Control of bite 1 and 0 RW PLL Functions controlled by SMBus registers PLL Functions controlled by device pins 1 Bit 6 RW X Bit 5 RW X Bit 4 RW X Bit 3 RW X Bit 2 RW X Bit 1 PLL BW #adjust Selects PLL Bandwidth RW Low BW High BW 1 Bit 0 PLL Enable Bypasses PLL for board test RW PLL bypassed (fan out mode) PLL enabled (ZDB mode) 1 SMBus Table: Output Enable Register Pin # Name Control Function Type0 1 Default Bit 7 RW X Bit 6 RW X Bit 5 RW X Bit 4 RW X Bit 3 RW X Bit 2 RW X Bit 1 RW X Bit 0 RW X SMBus Table: Function Select Register Pin # Name Control Function Type0 1 Default Bit 7 RW X Bit 6 RW X Bit 5 RW X Bit 4 RW X Bit 3 RW X Bit 2 RW X Bit 1 RW X Bit 0 RW X SMBus Table: Vendor & Revision ID Register Pin # Name Control Function Type0 1 Default Bit 7 RID3 R - - 0 Bit 6 RID2 R - - 0 Bit 5 RID1 R - - 0 Bit 4 RID0 R - - 1 Bit 3 VID3 R - - 0 Bit 2 VID2 R - - 0 Bit 1 VID1 R - - 0 Bit 0 VID0 R - - 1 RESERVED - RESERVED - RESERVED - - RESERVED - RESERVED - - RESERVED - RESERVED - - RESERVED RESERVED - RESERVED - RESERVED - - RESERVED - RESERVED - Byte 0 - - RESERVED - RESERVED - RESERVED - - RESERVED - - RESERVED - - - Byte 1 - - - - - - - - Byte 2 - - - - - - Byte 3 - REVISION ID - - - - VENDOR ID - - - RESERVED - RESERVED - RESERVED |